Part Number Hot Search : 
F5513R3F AZ431LAZ C34063A B8414 B8414 551LW7C 551LW7C 25D142K
Product Description
Full Text Search
 

To Download CZT3906 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CZT3904 NPN CZT3906 PNP
COMPLEMENTARY SILICON TRANSISTORS
Central
DESCRIPTION:
TM
Semiconductor Corp.
The CENTRAL SEMICONDUCTOR CZT3904, CZT3906 types are complementary silicon transistors manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for small signal general purpose and switching applications. SOT-223 CASE MAXIMUM RATINGS (TA=25oC) SYMBOL VCBO VCEO VEBO IC PD TJ,Tstg JA CZT3904 60 40 6.0 200 2.0 -65 to +150 62.5 CZT3906 40 40 5.0 UNITS V V V mA W
oC oC/W
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted) CZT3904 MIN MAX 50 60 40 6.0 0.20 0.30 0.65 0.85 0.95 40 70 100 300 60 30 CZT3906 MIN MAX 50 40 40 5.0 0.25 0.40 0.65 0.85 0.95 60 80 100 300 60 30
SYMBOL ICEV BVCBO BVCEO BVEBO VCE(SAT) VCE(SAT) VBE(SAT) VBE(SAT) hFE hFE hFE hFE hFE
TEST CONDITIONS VCE=30V, VEB=3.0V IC=10A IC=1.0mA IE=10A IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA VCE=1.0V, IC=0.1mA VCE=1.0V, IC=1.0mA VCE=1.0V, IC=10mA VCE=1.0V, IC=50mA VCE=1.0V, IC=100mA
UNITS nA V V V V V V V
308
SYMBOL fT Cob Cib hie hre hfe hoe NF td tr ts tf
CZT3904 TEST CONDITIONS MIN MAX VCE=20V, IC=10mA, f=100MHz 300 VCB=5.0V, IE=0, f=1.0MHz 4.0 VBE=0.5V, IC=0, f=1.0MHz 8.0 VCE=10V, IC=1.0mA, f=1.0kHz 1.0 10 VCE=10V, IC=1.0mA, f=1.0kHz 0.5 8.0 VCE=10V, IC=1.0mA, f=1.0kHz 100 400 VCE=10V, IC=1.0mA, f=1.0kHz 1.0 40 VCE=5.0V, IC=100A, RS=1.0k f=10Hz to 15.7kHz 5.0 VCC=3.0V, VBE=0.5, IC=10mA, IB1=1.0mA 35 VCC=3.0V, VBE=0.5, IC=10mA, IB1=1.0mA 35 VCC=3.0V, IC=10mA, IB1=IB2=1.0mA 200 VCC=3.0V, IC=10mA, IB1=IB2=1.0mA 50
CZT3906 MIN MAX 250 4.5 10 2.0 12 0.1 10 100 400 3.0 60 4.0 35 35 225 75
UNITS MHz pF pF k x10 -4 mhos dB ns ns ns ns
All dimensions in inches (mm).
LEAD CODE: 1) 2) 3) 4) BASE COLLECTOR EMITTER COLLECTOR
R2
309


▲Up To Search▲   

 
Price & Availability of CZT3906

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X